Part Number Hot Search : 
SCN2674T CS294GD8 RB480 PIC16L 00TTS 15KPA150 20180M90 LRS1383F
Product Description
Full Text Search
 

To Download MC2836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23 Plastic-Encapsulated Diodes
MC2836
FEATURES Power dissipation PD: 150 mW (Tamb=25)
1. 0
2. 4 1. 3
SWITCHING DIODE SOT-23
TJ, Tstg: -55 to +150
0. 95
Unit: mm
+
Marking: A41
_
_
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR
unless otherwise specified)
Test conditions MIN 50 0.1 0.9 1 1.2 4 4 V MAX UNIT V
IR= 100A VR=50V IF=10mA
0. 4
Forward Current 300 m A IF: Reverse Voltage 50 V VR: Operating and storage junction temperature range
2. 9
1. 9
0. 95
A
Forward
voltage
VF
IF=50mA IF=100mA
Diode
capacitance
CD t
rr
VR=0V, f=1MHz IF=IR=10mA, IRR=0.1xIR
pF nS
Reverse recovery time


▲Up To Search▲   

 
Price & Availability of MC2836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X